PART |
Description |
Maker |
FD1500AV-90 |
MITSUBISHI HIGH-FREQUENCY RECTIFIER DIODES HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE 600 A AC/DC CLAMP-ON DMM,TRMS RoHS Compliant: NA HIGH POWER/ HIGH FREQUENCY/ PRESS PACK TYPE
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
MPI4040R1-1R5-R MPI4040R1-100-R MPI4040R1-4R7-R MP |
High Frequency, High Current Miniature Power Inductors
|
Cooper Bussmann, Inc.
|
FP1109-1R0-R FP1109-R20-R FP1109-R23-R FP1109-R27- |
1 ELEMENT, 0.95 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD High Current, High Frequency, Power Inductors
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
FP1007R6-R33-R FP1007R6-R39-R FP1007R6-R27-R FP100 |
High Current, High Frequency, Power Inductors
|
List of Unclassifed Manufacturers
|
FD1000FH-56 |
MITSUBISHI HIGH-FREQUENCY RECTIFIER DIODES HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE
|
Mitsubishi Electric Corporation
|
HCP0704 HCP0704-1R0-R HCP0704-1R8-R HCP0704-2R3-R |
1 ELEMENT, 3.3 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0704, ROHS COMPLIANT High Current, High Frequency, Power Inductors
|
Cooper Bussmann, Inc.
|
157AVG063MGBJ 397AVG035MGBJ 126AVG160MGBJ 337AVG01 |
Small Size - High Temperature ?Low ESR ?High Ripple Current ?Stable with Temperature ?High Frequency
|
Illinois Capacitor, Inc...
|
15GN01FA |
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
|
Sanyo Semicon Device
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
HG-1012JA HG-2012JA |
(HG-1012JA / HG-2012JA) High Stability High Frequency Oscillator HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR 高稳定高频振荡器
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|